PART |
Description |
Maker |
AMS1508 AMS1508CM AMS1508CM-15 AMS1508CM-25 AMS150 |
2.85V 8A low dropout voltage regulator 1.5V 8A low dropout voltage regulator 3.0V 8A low dropout voltage regulator 2.5V 8A low dropout voltage regulator Dual 2-to-4 Line Decoder/Demultiplexer 16-SOIC -55 to 125 8A LOW DROPOUT VOLTAGE REGULATOR 8A条低压差稳压
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
MIC39500-2.5WT MIC39500-2.5WU MIC39500-1.8BT MIC39 |
5A 渭Cap Low-Voltage Low-Dropout Regulator 5A μCap Low-Voltage Low-Dropout Regulator 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-263 2.5 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSSO5 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-220 1.8 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSFM5
|
Micrel Semiconductor, Inc.
|
B1117N-1.5 B1117N-3.3 B1117N-2.5 B1117N-2.85 B1117 |
Adjustable 1.0A low dropout voltage regulator 1.85V 1.0A low dropout voltage regulator 2.5V 1.0A low dropout voltage regulator 1.0Amp Low Dropout Voltage Regulator Adjustable & Fix (0.40Volt Dropout) 1.5V 1.0A low dropout voltage regulator 1.8V 1.0A low dropout voltage regulator 2.85V 1.0A low dropout voltage regulator 3.3V 1.0A low dropout voltage regulator
|
List of Unclassifed Man... BayLinear ETC[ETC] List of Unclassifed Manufacturers
|
B4600 B4600CN-20 B4600CN-60 B4600CR-20 B4600CR-60 |
5.9V 600mA low dropout voltage regulator 2.9V 600mA low dropout voltage regulator 2.8V 600mA low dropout voltage regulator 2.5V 600mA low dropout voltage regulator 2.3V 600mA low dropout voltage regulator 2.1V 600mA low dropout voltage regulator 600 mA Low Dropout Voltage Regulators 600毫安低压差稳压器 5.7V 600mA low dropout voltage regulator 2.0V 600mA low dropout voltage regulator 2.2V 600mA low dropout voltage regulator 2.4V 600mA low dropout voltage regulator 2.6V 600mA low dropout voltage regulator 2.7V 600mA low dropout voltage regulator 6.0V 600mA low dropout voltage regulator
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] BayLinear
|
MC33275DT-3.0 MC33275DT-2.5G MC33275ST-3.0T3G MC33 |
300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 DualCool? N-Channel NexFET? Power MOSFET 8-SON -55 to 150
|
ON Semiconductor
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
B1582 B1582J-1.5 B1582J-2.5 B1582J-3.0 B1582J-3.3 |
1.5 4.0A low dropout voltage regulator 3.0V 4.0A low dropout voltage regulator 1.5V 4.0A low dropout voltage regulator 4.0A Low Dropout Voltage Regulator Adjustable & Fix Output 2.5V 4.0A low dropout voltage regulator 3.3V 4.0A low dropout voltage regulator Adjustable 4.0A low dropout voltage regulator 2.5 4.0A low dropout voltage regulator
|
BayLinear
|
MSK5275-1.8H MSK5275-1.9 MSK5275-1.7E MSK5275-1.9H |
JO75LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 1300 mA, Low Dropout Voltage Regulator with On/Off Control 175 175 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1 Commercial Wire; FLT01VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
TK71530 TK715XX TK71519 TK71519S TK71519SCL TK7151 |
LOW DROPOUT VOLTAGE REGULATOR 2.7 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO3 LOW DROPOUT VOLTAGE REGULATOR 4.8 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO3 LOW DROPOUT VOLTAGE REGULATOR 8 V FIXED POSITIVE LDO REGULATOR, 0.33 V DROPOUT, PDSO3 LOW DROPOUT VOLTAGE REGULATOR 低压差稳压器 CAP 220UF 4V ELECT HB SMD
|
TOKO, Inc. TOKO Inc. TOKO[TOKO Inc] TOKO[TOKO, Inc]
|
LM2931AD2T-5.0 LM2931Z-5.0 LM2931T-5.0 LM2931D-5.0 |
LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSIP3 LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 24 V-29.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5
|
Motorola Inc Motorola, Inc. ON Semiconductor Motorola Mobility Holdings, Inc. MOTOROLA INC
|
MAX6106 MAX6102 MAX6104 MAX6107 MAX6103 MAX6100-MA |
Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.8 V, PDSO3 (MAX6100 - MAX6107) Low-Cost / Micropower / Low-Dropout / High-Output-Current / SOT23 Voltage References "Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References" From old datasheet system
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|